Part Number Hot Search : 
TC74H MAX1462 29DL32BF 1620C 3V240RL 10504 15400 HE892
Product Description
Full Text Search
 

To Download AM1DR-2409S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am1d r -n z 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6 .e 1 of 2 north america only features: models si ngle output model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am1dr - 0505s - n z 4.7 5 - 5.25 5 15 0 1000 69 am1dr - 0509s - nz 4.75 - 5.25 9 111 1000 70 am1dr - 0512s - nz 4.75 - 5.25 12 84 1000 71 am1dr - 0515s - nz 4. 75 - 5.25 15 67 1000 72 am1dr - 1205s - n z 1 1.4 - 12.6 5 15 0 1000 69 am1dr - 1209s - nz 11.4 - 12.6 9 111 1000 71 am1dr - 1212s - nz 11.4 - 12.6 12 84 1000 72 am1dr - 1215s - nz 11.4 - 12.6 15 67 1000 72 am1dr - 2405s - n z 2 2.8 - 25.2 5 15 0 1000 70 am1dr - 2409s - nz 22.8 - 2 5.2 9 111 1000 72 am1dr - 2412s - nz 22.8 - 25.2 12 84 1000 73 am1dr - 2415s - nz 22.8 - 25.2 15 67 1000 73 am1dr - 0505sh30 - nz 4.75 - 5.25 5 150 3000 68 input specifications parameters nominal typical maximum units voltage range 5 12 24 4.75 - 5.25 11.4 - 12.6 22.8 - 25.2 vdc filter capacitor isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1000 & 3000 vdc resistance >1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage accuracy 3 % short circuit protection momentary (1sec) line voltage regulation (single) input voltage: 5% 0.25 % load voltage regulation (single) 10 - 100% 1 % temperature coefficient 0.03 %/ o c ripple & noise 50 mv p - p general specifications parameters conditions typical maximum units switching frequency 100 % load 1 00 khz operating temperature derating above 71 o c - 40 to +85 o c storage temperature - 55 to +125 o c cooling free air convection humidity 95 % ? rohs compliant ? operating temperature - 40 o c to + 85 o c ? regulated output voltage ? input / output isolation 1000 & 3000 vdc ? low ripple and noise ? pin computable with multiple manufacturers ? high efficiency up to 73 % ? ul94 - vo package
series am1d r -n z 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r6 .e 2 of 2 north america only general specifications (continued) parameters conditions typical maximum units case material plastic ul94 - vo weight 2.7 g dimensions (l x w x h) 0.77 x 0.24 x 0. 37 inch 19. 60 x 6.00 x 9.50 mm mtbf >900 000 hrs (mil - hdbk - 217f, ground beni gn, t=+25 o c) note: all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated out put load unless otherwise specified. pin out specification dimensions e x ternal capacitor filtering derating note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current prod uct specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient te mperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this d ocument. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystem s or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com. pin single 1000 & 3000vdc 1 + v input 2 - v input 4 - v output 5 no pin 6 + v output 7 no pin vin (vdc) external capacitor (uf) vout (vdc) external capacitor (uf) 5 4.7 5 10 12 2.2 9 4.7 24 1 12 2.2 - - 15 1 19 . 60 ( 0 . 77) 15 . 20 (0 . 60 ) 2 . 54 (0 . 10 ) 6 . 00 (0 . 24 ) printed face 0 . 50 (0 . 02) 0 . 50 ( 0 . 02) 0 . 25 (0 . 01) 1 . 25 (0 . 05 ) 6 . 00 (0 . 24 ) 10 . 0 ( 0 . 39) 9 . 50 (0 . 37 ) 4 . 10 (0 . 16 ) 0 . 50 (0 . 02 ) free air convection 71 oc safe operating area - 40 0 20 40 60 85 0 20 40 60 80 100 100 o u t p u t p o w e r ( % m a x ) - 20 80 ambient temperature o c


▲Up To Search▲   

 
Price & Availability of AM1DR-2409S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X